Part Number Hot Search : 
BAS21 LV5609 01D02T DSR8V600 01018 24M01R SDR1DSMS 5H0165R
Product Description
Full Text Search
 

To Download DWFC0300A003311 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Dual Window Single Mode Wideband Fiber Coupler (1x3)
DWFC1x3 Series
Features Dual Window Wideband Operation Single Fusion Compact Package Highly Stable & Reliable Multiport Solution
Dual Window Single Mode Wideband Fiber Coupler (1x3)
Oplink's 1310/1550 dual window 1x3 single mode, wideband fiber coupler is a single package, compact-sized device. It offers low insertion loss, good uniformity, very low wavelength dependent loss and low polarization sensitivity. It is an excellent solution for multi-port optical signal splitting applications. Oplink can provide customized designs to meet specialized feature applications. Also, Oplink offers modular assemblies that integrate other components to form a full function module or subsystem.
Applications CATV Local Area Networks Subscriber Loops Telecommunications
Comm
L
Port 1 Port 2
O
Port 3
Performance Specifications
DWFC Series Premium Grade A Unit
Configuration Operating Wavelength Range Insertion Loss Excess Loss (Typical) Uniformity Polarization Dependent Loss Temperature Dependent Loss Directivity Return Loss Maximum Power Handling Operating Temperature Storage Temperature Package Dimension
1x3 1270-1350 & 1510-1590 < 5.6 0.15 < 1.2 < 0.2 < 0.2
<6.0 0.20 <1.8 <0.25 <0.25 >50 >50 2000
-10 to +70 -40 to +85 P1: 250m SMF-28 bare fiber P2: 900m loose tube P3: 3mm cable
nm dB dB dB dB dB dB dB mW C C mm
(O) 3.0 x (L) 54 (O) 3.6 x (L) 65 (L) 96 x (W) 12 x (H) 6.4
Values are referenced without connector loss. * The mechanical tolerance should be +/- 0.2 mm on all package dimensions unless otherwise custom specified.
Oplink Communications, Inc.
R0.20070801
Dual Window Single Mode Wideband Fiber Coupler (1x3)
DWFC1x3 Series
Ordering Information
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink's OEM design team or account manager for your requirements and ordering information (510) 933-7200.
DWFC
0
3
0
0
0
0
Wavelength
1310/1550nm
Type
1x3= 3
Grade
P Grade= P A Grade= A
Fiber Length
1.0 1.5 2.0 0.5 meter= 1 meter= 5 meter= 2 meter= H
Connector Type
None= 1 FC/PC= 2 FC/SPC= 3 FC/APC= 4 SC/PC= 5 SC/SPC= 6 SC/APC= 7 ST= 8 LC= 9 MU= A
Package & Fiber Type
P1+ 250m bare fiber= 11 P2+ 900m loose tube= 22 P3+ 3mm cable= 33
46335 Landing Parkway Fremont, CA 94538-6407 Tel: (510 933-7200 Fax: (510) 933-7300 Email: Sales@Oplink.com
R0.20070801
Product Lines
Mux/Demux
Switching/Routing
Coupling/Splitting
Monitoring/Conditioning
Amplification
Interconnect
RGB Laser Modules


▲Up To Search▲   

 
Price & Availability of DWFC0300A003311

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X